this document was generated on 06/07/2010 please check www.molex.com for latest part information part number: 0510060500 status: active description: 2.00mm (.079") pitch wire-to-wire plug housing, 5 circuits documents: 3d model product specification ps-51005-001 (pdf) drawing (pdf) rohs certificate of compliance (pdf) agency certification csa lr19980 ul e29179 general product family crimp housings series 51006 molexkits yes product name n/a physical circuits (maximum) 5 color - resin natural flammability 94v-0 gender male glow-wire compliant no lock to mating part none material - resin polyester number of rows 1 packaging type bag panel mount no pitch - mating interface (in) 0.079 in pitch - mating interface (mm) 2.00 mm stackable no temperature range - operating -40c to +105c electrical current - maximum per contact 2a material info reference - drawing numbers product specification ps-51005-001 sales drawing sd-51006-001 series image - reference only eu rohs china rohs elv and rohs compliant reach svhc contains svhc: no halogen-free status not halogen-free need more information on product environmental compliance? email productcompliance@molex.com for a multiple part number rohs certificate of compliance, click here please visit the contact us section for any non-product compliance questions. search parts in this series 51006 series mates with 51005 female housing use with 50012 this document was generated on 06/07/2010 please check www.molex.com for latest part information
|